PART |
Description |
Maker |
V23818-N15-L656 V23818-N15-L616 V23818-N15-L653 |
Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x10 Pinning with LC⑩ Connector, with Collar
|
INFINEON[Infineon Technologies AG]
|
V23818-N15-L16 V23818-N15-L47 V23818-N15-L17 V2381 |
Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x5/2x10 Pinning with LC⑩ Connector
|
INFINEON[Infineon Technologies AG]
|
V23848-M15-C756 |
iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Single Mode 1310 nm Transceiver with LC Connector
|
INFINEON[Infineon Technologies AG]
|
HFCT-5943L HFCT-5943AG |
Optoelectronic 光电 2488Mb/s Single mode Small Form Factor Transceivers with LC connector No nose shield. 0C to 70C 2488Mb / s的单一模式LC连接器没有鼻子屏蔽纤巧收发器0C0C
|
Avago Technologies, Ltd. Lumex, Inc.
|
AFBR-5710PZ AFBR-5715PZ-JU1 |
Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
|
AVAGO TECHNOLOGIES LIMITED
|
V23818-S5-B1 |
SFP - Small Form-factor Pluggable Cage EMI / Dust Plug SFP -小型可插拔笼的EMI /防尘插头 Transceivers by Standard - SFP - Small Form-factor Pluggable Cage EMI / Dust Plug
|
INFINEON[Infineon Technologies AG]
|
THNCFXXXXMA |
Small Form Factor Card
|
Toshiba
|
SFC-1-LP |
SMALL FORM FACTOR CAGE
|
Adam Technologies, Inc.
|
HFCT-5903 HFCT-5903E HFBR-0560 |
HFCT-5903E · 125 Mbit/s SMF (15km) Small Form Factor Transceiver for FDDI/Fast Ethernet HFBR-0560 · Evaluation Kit for MT-RJ 125 Mb/s Fast Ethernet Multimode and Singlemode Applications MT-RJ Duplex Single Mode Transceiver
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
IBM42F12SNNAA20 |
(IBM42F10SNNAA20 / IBM42F12SNNAA20) Small Form Factor Transceiver
|
IBM Microelectronics
|
2161402-1 |
Small Form-Factor Pluggable (SFP) and zSFP
|
TE Connectivity Ltd
|
DSSCENICC620 |
SCENIC C620 Green PC Small Form Factor PC
|
Fujitsu Component Limited.
|